Part Number Hot Search : 
0D013TR MEDICAL 186EM 11QXQ SDZ20V WS2297B AMS431AS DG407CWI
Product Description
Full Text Search
 

To Download SUM110N08-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110N08-10
Vishay Siliconix
N-Channel 75-V (D-S) MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
75
FEATURES
rDS(on) (W) ID (A)
110
0.010 @ VGS = 10 V
D TrenchFETr Power MOSFET D New Low Thermal Resistance Package
APPLICATIONS
D Automotive - Boardnet 42-VEP and ABS - Motor Drives D High Current D DC/DC Converters
D
TO-263
G
G
DS S N-Channel MOSFET
Top View Ordering Information: SUM110N08-10
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energya Maximum Power Dissipationa Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C c TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
75 "20 110 63a 350 75 280 200b 3.7 -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient Junction-to-Case Notes a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material). PCB Mountc
Symbol
RthJA RthJC
Limit
40 0.75
Unit
_C/W
Document Number: 71838 S-32413--Rev. C, 24-Nov-03
www.vishay.com
1
SUM110N08-10
Vishay Siliconix
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 75 V, VGS = 0 V Zero Gate Voltage Drain Current g On-State Drain Currenta IDSS ID(on) VDS = 75 V, VGS = 0 V, TJ = 125_C VDS = 75 V, VGS = 0 V, TJ = 175_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea Forward Transconductancea rDS(on) gfs VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C VDS = 15 V, ID = 30 A 30 120 0.0055 0.010 0.0185 0.0245 S W 75 2.5 4.0 "100 1 50 250 A m mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 35 V, RL = 0.4 W ID ^ 110 A, VGEN = 10 V, RG = 2.5 W VDS = 35 V, VGS = 10 V, ID = 110 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 5250 700 310 90 24 27 20 100 45 75 30 150 70 115 ns 165 nC pF
Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 85 A, di/dt = 100 A/ms IF = 110 A, VGS = 0 V 1.0 75 3.5 0.13 110 350 1.5 120 7 0.30 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 71838 S-32413--Rev. C, 24-Nov-03
SUM110N08-10
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 6 V 200 I D - Drain Current (A) I D - Drain Current (A) 160 200
Transfer Characteristics
150
120
100
5V
80 TC = 125_C 40 25_C -55_C
50
0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V)
0 0 1 2 3 4 5 6 VGS - Gate-to-Source Voltage (V)
Transconductance
200 TC = -55_C r DS(on) - On-Resistance ( W ) 160 g fs - Transconductance (S) 25_C 0.008 0.010
On-Resistance vs. Drain Current
VGS = 10 V
120
125_C
0.006
80
0.004
40
0.002
0 0 15 30 45 60 75 90
0.000 0 20 40 60 80 100 120
ID - Drain Current (A)
ID - Drain Current (A)
8000 7000
Capacitance
20 VDS = 35 V ID = 85 A
Gate Charge
V GS - Gate-to-Source Voltage (V)
C - Capacitance (pF)
6000 5000 4000 3000 2000 1000 0 0 15 30 Crss
Ciss
16
12
8
Coss
4
0 45 60 75 0 30 60 90 120 150 180 VDS - Drain-to-Source Voltage (V) Qg - Total Gate Charge (nC) www.vishay.com
Document Number: 71838 S-32413--Rev. C, 24-Nov-03
3
SUM110N08-10
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2.5
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 30 A I S - Source Current (A)
100
Source-Drain Diode Forward Voltage
r DS(on) - On-Resistance (W) (Normalized)
2.0
1.5
10
TJ = 150_C
TJ = 25_C
1.0
0.5
0.0 -50
-25
0
25
50
75
100
125
150
175
1 0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
1000
Avalanche Current vs. Time
100
Drain Source Breakdown vs. Junction Temperature
100 V (BR)DSS (V) I Dav (a)
94
ID = 250 mA
88
10
IAV (A) @ TA = 25_C
82 1 IAV (A) @ TA = 150_C 0.1 0.00001 0.0001 0.001 0.01 0.1 1 tin (Sec) 70 -50 -25 0 25 50 75 100 125 150 175
76
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 71838 S-32413--Rev. C, 24-Nov-03
SUM110N08-10
Vishay Siliconix
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
120 100 100 I D - Drain Current (A) 80 60 40 20 0 0 25 50 75 100 125 150 175 TC - Ambient Temperature (_C) 0.1 0.1 1 10 100 VDS - Drain-to-Source Voltage (V) I D - Drain Current (A) 100 ms 10 1 ms 10 ms 100 ms dc 1000
Safe Operating Area
Limited by rDS(on)
10 ms
1
TC = 25_C Single Pulse
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5 0.2
Normalized Thermal Transient Impedance, Junction-to-Case
0.1
0.1 0.05 0.02 Single Pulse
0.01 10-4
10-3
10-2
10-1
1
10
Square Wave Pulse Duration (sec)
Document Number: 71838 S-32413--Rev. C, 24-Nov-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM110N08-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X